Part Number Hot Search : 
APM4953 0805H F2807 NDT4815 GA32A DT71V BDT86 F1205
Product Description
Full Text Search
 

To Download MRF5S19060NBR1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Technical Data
Document Number: MRF5S19060N Rev. 7, 10/2008
RF Power Field Effect Transistors
N - Channel Enhancement - Mode Lateral MOSFETs
Designed for broadband commercial and industrial applications with frequencies from 1930 to 1990 MHz. The high gain and broadband performance of these devices make them ideal for large - signal, common source amplifier applications in 28 Volt base station equipment. * Typical 2 - carrier N - CDMA Performance: VDD = 28 Volts, IDQ = 750 mA, Pout = 12 Watts Avg., 1990 MHz, IS - 95 (Pilot, Sync, Paging, Traffic Codes 8 Through 13) Channel Bandwidth = 1.2288 MHz. PAR = 9.8 dB @ 0.01% Probability on CCDF. Power Gain -- 14 dB Drain Efficiency -- 23% IM3 @ 2.5 MHz Offset -- - 37 dBc in 1.2288 MHz Channel Bandwidth ACPR @ 885 kHz Offset -- - 51 dBc in 30 kHz Channel Bandwidth * Capable of Handling 5:1 VSWR, @ 28 Vdc, 1960 MHz, 12 Watts CW Output Power Features * Characterized with Series Equivalent Large - Signal Impedance Parameters * Internally Matched for Ease of Use * Integrated ESD Protection * 200C Capable Plastic Package * N Suffix Indicates Lead - Free Terminations. RoHS Compliant. * In Tape and Reel. R1 Suffix = 500 Units per 44 mm, 13 inch Reel.
MRF5S19060NR1 MRF5S19060NBR1
1930- 1990 MHz, 12 W AVG., 28 V 2 x N - CDMA LATERAL N - CHANNEL RF POWER MOSFETs
CASE 1486 - 03, STYLE 1 TO - 270 WB - 4 PLASTIC MRF5S19060NR1
CASE 1484 - 04, STYLE 1 TO - 272 WB - 4 PLASTIC MRF5S19060NBR1
Table 1. Maximum Ratings
Rating Drain- Source Voltage Gate- Source Voltage Total Device Dissipation @ TC = 25C Derate above 25C Storage Temperature Range Operating Junction Temperature Symbol VDSS VGS PD Tstg TJ Value - 0.5, +65 - 0.5, +15 218.8 1.25 - 65 to +175 200 Unit Vdc Vdc W W/C C C
Table 2. Thermal Characteristics
Characteristic Thermal Resistance, Junction to Case Case Temperature 75C, 12 W CW Symbol RJC Value (1,2) 0.80 Unit C/W
1. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF calculators by product. 2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf. Select Documentation/Application Notes - AN1955.
(c) Freescale Semiconductor, Inc., 2008. All rights reserved.
MRF5S19060NR1 MRF5S19060NBR1 1
RF Device Data Freescale Semiconductor
Table 3. ESD Protection Characteristics
Test Methodology Human Body Model (per JESD22 - A114) Machine Model (per EIA/JESD22 - A115) Charge Device Model (per JESD22 - C101) Class 1C (Minimum) C (Minimum) IV (Minimum)
Table 4. Moisture Sensitivity Level
Test Methodology Per JESD 22 - A113, IPC/JEDEC J - STD - 020 Rating 3 Package Peak Temperature 260 Unit C
Table 5. Electrical Characteristics (TC = 25C unless otherwise noted)
Characteristic Off Characteristics Zero Gate Voltage Drain Leakage Current (VDS = 65 Vdc, VGS = 0 Vdc) Zero Gate Voltage Drain Leakage Current (VDS = 28 Vdc, VGS = 0 Vdc) Gate- Source Leakage Current (VGS = 5 Vdc, VDS = 0 Vdc) On Characteristics Gate Threshold Voltage (VDS = 10 Vdc, ID = 225 Adc) Gate Quiescent Voltage (VDS = 28 Vdc, ID = 750 mAdc) Drain- Source On - Voltage (VGS = 5 Vdc, ID = 2.25 Adc) Forward Transconductance (VDS = 10 Vdc, ID = 2.25 Adc) Dynamic Characteristics (1) Reverse Transfer Capacitance (VDS = 28 Vdc 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc) Crss -- 1.5 -- pF VGS(th) VGS(Q) VDS(on) gfs 2.5 -- -- -- -- 3.8 0.26 5 3.5 -- -- -- Vdc Vdc Vdc S IDSS IDSS IGSS -- -- -- -- -- -- 10 1 1 Adc Adc Adc Symbol Min Typ Max Unit
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 750 mA, Pout = 12 W Avg., f1 = 1987.5 MHz, f2 = 1990 MHz, 2 - carrier N - CDMA, 1.2288 MHz Channel Bandwidth Carriers. ACPR measured in 30 kHz Channel Bandwidth @ 885 kHz Offset. IM3 measured in 1.2288 MHz Channel Bandwidth @ 2.5 MHz Offset. PAR = 9.8 dB @ 0.01% Probability on CCDF. Power Gain Drain Efficiency Intermodulation Distortion Adjacent Channel Power Ratio Input Return Loss Typical RF Performance (50 ohm system) Pulse Peak Power (VDD = 28 Vdc, 1 - Tone CW Pulsed, IDQ = 750 mA, tON = 8 s, 1% Duty Cycle) Video Bandwidth (VDD = 28 Vdc, Pout = 60 W PEP, IDQ = 750 mA, Tone Spacing = 1 MHz to VBW, IM3<2dB) 1. Part is internally matched both on input and output. Psat -- 110 -- W Gps D IM3 ACPR IRL 12.5 21 -- -- -- 14 23 - 37 - 51 - 12 16 -- - 35 - 48 -9 dB % dBc dBc dB
VBW
--
35
--
MHz
MRF5S19060NR1 MRF5S19060NBR1 2 RF Device Data Freescale Semiconductor
Z11 VBIAS R1 R2 + C1 C2 Z6 C3 + C4 + C5 + C6 VSUPPLY
R3 RF INPUT RF OUTPUT
Z1 C7
Z2
Z3
Z4
Z5
Z7
Z8
Z9 C12 C10 C11
Z10
DUT C8 C9
Z12
+ C13 C14
+ C15
Z1 Z2* Z3* Z4* Z5 Z6 Z7
0.250 x 0.083 Microstrip 0.500 x 0.083 Microstrip 0.500 x 0.083 Microstrip 0.515 x 0.083 Microstrip 0.480 x 1.000 Microstrip 1.140 x 0.080 Microstrip 0.600 x 1.000 Microstrip
Z8* Z9* Z10 Z11 Z12 PCB
0.420 x 0.083 Microstrip 0.975 x 0.083 Microstrip 0.250 x 0.083 Microstrip 0.700 x 0.080 Microstrip 0.700 x 0.080 Microstrip Taconic TLX8 - 0300, 0.030, r = 2.55
* Variable for tuning
Figure 1. MRF5S19060NR1/NBR1 Test Circuit Schematic
Table 6. MRF5S19060NR1/NBR1 Test Circuit Component Designations and Values
Part C1 C2 C3, C7, C12, C13 C4, C5, C14, C15 C6 C8 C9 C10 C11 R1, R2 R3 Description 1 F, 35 V Tantalum Capacitor 10 pF 100B Chip Capacitor 6.8 pF 100B Chip Capacitors 10 F, 35 V Tantalum Capacitors 220 F, 63 V Electrolytic Capacitor, Radial 0.8 pF 100B Chip Capacitor 1.5 pF 100B Chip Capacitor 1.0 pF 100B Chip Capacitor 0.2 pF 100B Chip Capacitor 10 kW, 1/4 W Chip Resistors 10 W, 1/4 W Chip Resistors Part Number TAJB105K35S ATC100B10R0CT500XT ATC100B6R8CT500XT TAJD106K035S 2222- 136- 68221 ATC100B0R8BT500XT ATC100B1R5BT500XT ATC100B1R0BT500XT ATC100B0R2BT500XT CRCW12061002FKEA CRCW120610R0FKEA Manufacturer AVX ATC ATC AVX Vishay ATC ATC ATC ATC Vishay Vishay
MRF5S19060NR1 MRF5S19060NBR1 RF Device Data Freescale Semiconductor 3
VGG R1 R2 C1 C2 C3
VDD
C4 C5
R3 CUT OUT AREA
C6
C7
C8
C9
C10
C11
C12
C14
C15
C13 MRF5S19060M Rev 0 Freescale has begun the transition of marking Printed Circuit Boards (PCBs) with the Freescale Semiconductor signature/logo. PCBs may have either Motorola or Freescale markings during the transition period. These changes will have no impact on form, fit or function of the current product.
Figure 2. MRF5S19060NR1/NBR1 Test Circuit Component Layout
MRF5S19060NR1 MRF5S19060NBR1 4 RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
D, DRAIN EFFICIENCY (%) IM3 (dBc), ACPR (dBc) -5 -10 -15 -20 D, DRAIN EFFICIENCY (%) IM3 (dBc), ACPR (dBc) -5 -10 -15 -20 VDD = 28 Vdc f1 = 1960 MHz, f2 = 1962.5 MHz Two-Tone Measurements, 2.5 MHz Tone Spacing IDQ = 350 mA 1150 mA 950 mA -45 -50 -55 -60 1 10 Pout, OUTPUT POWER (WATTS) PEP 100 1 10 Pout, OUTPUT POWER (WATTS) PEP 100 550 mA 750 mA IRL, INPUT RETURN LOSS (dB) IRL, INPUT RETURN LOSS (dB) 14.8 14.6 Gps, POWER GAIN (dB) 14.4 14.2 14 13.8 ACPR 13.6 1900 1920 1940 1960 1980 2000 -53 2020 VDD = 28 Vdc, Pout = 12 W (Avg.), IDQ = 750 mA 2-Carrier N-CDMA, 2.5 MHz Carrier Spacing, 1.2288 MHz Channel Bandwidth, PAR = 9.8 dB @ 0.01% Probability (CCDF) IRL D Gps IM3 24 23 22 -35 -41 -47
f, FREQUENCY (MHz)
Figure 3. 2 - Carrier N - CDMA Broadband Performance @ Pout = 12 Watts Avg.
14.2 14 Gps, POWER GAIN (dB) 13.8 13.6 13.4 13.2 13 1900 1.2288 MHz Channel Bandwidth, PAR = 9.8 dB @ 0.01% Probability (CCDF) Gps IM3 IRL
39 37 35 -25 -31 ACPR -37 -43 2020
D VDD = 28 Vdc, Pout = 30 W (Avg.), IDQ = 750 mA 2-Carrier N-CDMA, 2.5 MHz Carrier Spacing,
1920
1940
1960
1980
2000
f, FREQUENCY (MHz)
Figure 4. 2 - Carrier N - CDMA Broadband Performance @ Pout = 30 Watts Avg.
17 IDQ = 1150 mA 950 mA 15 750 mA
IMD, THIRD ORDER INTERMODULATION DISTORTION (dBc)
16 Gps, POWER GAIN (dB)
VDD = 28 Vdc f1 = 1960 MHz, f2 = 1962.5 MHz Two-Tone Measurements, 2.5 MHz Tone Spacing
-15 -20 -25 -30 -35 -40
14
550 mA
13 350 mA 12
Figure 5. Two - Tone Power Gain versus Output Power
Figure 6. Third Order Intermodulation Distortion versus Output Power
MRF5S19060NR1 MRF5S19060NBR1 RF Device Data Freescale Semiconductor 5
TYPICAL CHARACTERISTICS
-10 IMD, INTERMODULATION DISTORTION (dBc) -15 -20 -25 -30 -35 -40 -45 -50 -55 0.1 1 10 100 5th Order 7th Order 3rd Order VDD = 28 Vdc, Pout = 12 W (Avg.), IDQ = 750 mA Two-Tone Measurements (f1 + f2)/2 = Center Frequency of 1960 MHz
54 53 Pout, OUTPUT POWER (dBm) 52 51 50 49 48 47 46 45 44 30 31
P3dB = 49.4 dBm (87 W)
Ideal
P1dB = 48.65 dBm (73.3 W) Actual
VDD = 28 Vdc, IDQ = 750 mA Pulsed CW, 8 sec(on), 1 msec(off) f = 1960 MHz 32 33 34 35 36 37 38 39 40 41 42 43 44
TWO-TONE SPACING (MHz)
Pin, INPUT POWER (dBm)
Figure 7. Intermodulation Distortion Products versus Tone Spacing
Figure 8. Pulse CW Output Power versus Input Power
D, DRAIN EFFICIENCY (%), Gps, POWER GAIN (dB)
40 35 30 25 20 15 10 5 0 1
TC = -30_C D VDD = 28 Vdc, IDQ = 750 mA 25_C f1 = 1960 MHz, f2 = 1962.5 MHz 85_C 2-Carrier N-CDMA, 2.5 MHz Carrier 85_C IM3 Spacing, 1.2288 MHz Channel 25_C Bandwidth, PAR = 9.8 dB -30_C @ 0.01% Probability (CCDF) ACPR 85_C 25_C -30_C Gps -30_C 25_C 85_C
-10 -20 IM3, (dBc), ACPR (dBc) -30 -40 -50 -60 -70 -80 -90
10 Pout, OUTPUT POWER (WATTS) AVG.
100
Figure 9. 2 - Carrier N - CDMA ACPR, IM3, Power Gain and Drain Efficiency versus Output Power
16 TC = -30_C Gps, POWER GAIN (dB) 15 25_C 14 85_C 13 12 11 10 1 10 Pout, OUTPUT POWER (WATTS) CW VDD = 28 Vdc IDQ = 750 mA f = 1960 MHz D 85_C -30_C 25_C
60 D, DRAIN EFFICIENCY (%) 50 40 30 20 Gps 10 0 100
16 15 Gps, POWER GAIN (dB) VDD = 32 V 14 13 28 V 12 11 10 30 IDQ = 750 mA f = 1960 MHz 90
24 V 50 70
Pout, OUTPUT POWER (WATTS) CW
Figure 10. Power Gain and Drain Efficiency versus CW Output Power MRF5S19060NR1 MRF5S19060NBR1 6
Figure 11. Power Gain versus Output Power
RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
109 MTTF FACTOR (HOURS X AMPS2)
108
107
106 90 100 110 120 130 140 150 160 170 180 190 200 210 TJ, JUNCTION TEMPERATURE (C) This above graph displays calculated MTTF in hours x ampere2 drain current. Life tests at elevated temperatures have correlated to better than 10% of the theoretical prediction for metal failure. Divide MTTF factor by ID2 for MTTF in a particular application.
Figure 12. MTTF Factor versus Junction Temperature
N - CDMA TEST SIGNAL
100 10 PROBABILITY (%) 1 0.1 0.01 0.001 0.0001 0 2 4 6 8 10 PEAK-TO-AVERAGE (dB) IS-95 CDMA (Pilot, Sync, Paging, Traffic Codes 8 Through 13) 1.2288 MHz Channel Bandwidth Carriers. ACPR Measured in 30 kHz Bandwidth @ 885 kHz Offset. IM3 Measured in 1.2288 MHz Bandwidth @ 2.5 MHz Offset. PAR = 9.8 dB @ 0.01% Probability on CCDF. (dB)
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -7.5 -IM3 in 1.2288 MHz Integrated BW
1.2288 MHz Channel BW
+IM3 in 1.2288 MHz Integrated BW
-ACPR in 30 kHz Integrated BW
+ACPR in 30 kHz Integrated BW
Figure 13. 2 - Carrier CCDF N - CDMA
-6
-4.5
-3
-1.5
0
1.5
3
4.5
6
7.5
f, FREQUENCY (MHz)
Figure 14. 2 - Carrier N - CDMA Spectrum
MRF5S19060NR1 MRF5S19060NBR1 RF Device Data Freescale Semiconductor 7
f = 1990 MHz Zload f = 1930 MHz f = 1990 MHz Zsource f = 1930 MHz Zo = 5
VDD = 28 Vdc, IDQ = 750 mA, Pout = 12 W Avg. f MHz 1930 1960 1990 Zsource 3.11 - j4.55 3.06 - j4.38 2.93 - j4.28 Zload 2.60 - j3.18 2.50 - j2.85 2.44 - j2.53
Zsource = Test circuit impedance as measured from gate to ground. Zload = Test circuit impedance as measured from drain to ground.
Input Matching Network
Device Under Test
Output Matching Network
Z
source
Z
load
Figure 15. Series Equivalent Source and Load Impedance
MRF5S19060NR1 MRF5S19060NBR1 8 RF Device Data Freescale Semiconductor
PACKAGE DIMENSIONS
MRF5S19060NR1 MRF5S19060NBR1 RF Device Data Freescale Semiconductor 9
MRF5S19060NR1 MRF5S19060NBR1 10 RF Device Data Freescale Semiconductor
MRF5S19060NR1 MRF5S19060NBR1 RF Device Data Freescale Semiconductor 11
MRF5S19060NR1 MRF5S19060NBR1 12 RF Device Data Freescale Semiconductor
MRF5S19060NR1 MRF5S19060NBR1 RF Device Data Freescale Semiconductor 13
MRF5S19060NR1 MRF5S19060NBR1 14 RF Device Data Freescale Semiconductor
PRODUCT DOCUMENTATION
Refer to the following documents to aid your design process. Application Notes * AN1955: Thermal Measurement Methodology of RF Power Amplifiers Engineering Bulletins * EB212: Using Data Sheet Impedances for RF LDMOS Devices
REVISION HISTORY
The following table summarizes revisions to this document.
Revision 7 Date Oct. 2008 Description * Modified data sheet to reflect RF Test Reduction described in Product and Process Change Notification number, PCN12779, p. 1, 2 * Updated Part Numbers in Table 6, Component Designations and Values, to RoHS compliant part numbers, p. 3 * Replaced Case Outline 1486 - 03, Issue C, with 1486 - 03, Issue D, p. 9 - 11. Added pin numbers 1 through 4 on Sheet 1. * Replaced Case Outline 1484 - 04, Issue D, with 1484 - 04, Issue E, p. 12 - 14. Added pin numbers 1 through 4 on Sheet 1, replacing Gate and Drain notations with Pin 1 and Pin 2 designations. * Added Product Documentation and Revision History, p. 15
MRF5S19060NR1 MRF5S19060NBR1 RF Device Data Freescale Semiconductor 15
How to Reach Us:
Home Page: www.freescale.com Web Support: http://www.freescale.com/support USA/Europe or Locations Not Listed: Freescale Semiconductor, Inc. Technical Information Center, EL516 2100 East Elliot Road Tempe, Arizona 85284 1 - 800- 521- 6274 or +1 - 480- 768- 2130 www.freescale.com/support Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) www.freescale.com/support Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1 - 8 - 1, Shimo - Meguro, Meguro - ku, Tokyo 153 - 0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor China Ltd. Exchange Building 23F No. 118 Jianguo Road Chaoyang District Beijing 100022 China +86 10 5879 8000 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1 - 800- 441- 2447 or +1 - 303- 675- 2140 Fax: +1 - 303- 675- 2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. Freescalet and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2008. All rights reserved.
RoHS- compliant and/or Pb - free versions of Freescale products have the functionality and electrical characteristics of their non - RoHS- compliant and/or non - Pb- free counterparts. For further information, see http://www.freescale.com or contact your Freescale sales representative. For information on Freescale's Environmental Products program, go to http://www.freescale.com/epp.
MRF5S19060NR1 MRF5S19060NBR1
Rev. 16 7, 10/2008 Document Number: MRF5S19060N
RF Device Data Freescale Semiconductor


▲Up To Search▲   

 
Price & Availability of MRF5S19060NBR1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X